Part Number Hot Search : 
CD4516 P13007 1N5226B JHV368 23K014 16F1936 T74LS AB310
Product Description
Full Text Search
 

To Download KRL1200200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  polymer ptc resettable fuse krl type krl120 radial leaded type 120v thinking electronic industrial co., ltd. 1 www.thinking.com.tw 2009.12 all specifications are subject to change without no tice  features 1. rohs compliant 2. radial leaded devices 3. current ratings from 0.10a ~ 3.75a 4. maximum operating voltage: 120 v ac 5. operating temperature range : -40 ~ +85 6. agency approval: ul/cul/tuv  recommended applications 1. motors, fans and blowers 2. power supplies 3. transformers 4. industrial controllers  part number code k r l 1 2 0 0 0 1 0 s b y 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 optional suffix y rohs compliant ihold 0010 0.10a 0090 0.9a 0100 1.00a 0135 1.35a 0200 2a 0375 3.75a appearance s straight lead i inner kink lead packaging r reel b bulk product code k thinking pptc thermistor form factor r radial max. operating voltage 120 120v usage l line voltage
polymer ptc resettable fuse krl type krl120 radial leaded type 120v thinking electronic industrial co., ltd. 2 www.thinking.com.tw 2009.12 all specifications are subject to change without no tice  structure and dimensions a b c d e f part no. max. max. typ. min. max. typ. figure krl1200010 7.9 13.0 5.1 7.6 3.8 0.51 1 krl1200017 7.9 13.0 5.1 7.6 3.8 0.51 1 krl1200020 7.9 13.0 5.1 7.6 3.8 0.65 2 krl1200025 7.9 13.0 5.1 7.6 3.8 0.65 2 krl1200030 7.9 13.0 5.1 7.6 3.8 0.65 2 krl1200040 8.2 14.2 5.1 7.6 3.8 0.65 2 krl1200050 9.2 14.9 5.1 7.6 3.8 0.65 2 krl1200065 9.7 14.9 5.1 7.6 3.8 0.65 2 krl1200070 10.6 15.5 5.1 7.6 3.8 0.65 2 krl1200075 10.9 17.0 5.1 7.6 4.1 0.81 4 krl1200090 11.9 15.9 5.1 7.6 3.8 0.65 2 krl1200100 11.5 20.1 5.1 7.6 4.1 0.81 4 krl1200110 13.3 18.3 5.1 7.6 4.1 0.81 3 krl1200125 14.0 21.7 5.1 7.6 4.1 0.81 4 krl1200130 15.5 20.6 5.1 7.6 4.1 0.81 3 krl1200135 16.3 21.7 5.1 7.6 4.1 0.81 4 krl1200160 17.5 22.5 5.1 7.6 4.1 0.81 3 krl1200185 19.9 24.9 5.1 7.6 4.1 0.81 3 KRL1200200 23.5 27.9 10.2 7.6 4.1 0.81 4 krl1200250 22.5 27.5 10.2 7.6 4.1 0.81 3 krl1200300 25.5 30.0 10.2 7.6 4.1 0.81 3 krl1200375 29.5 34.0 10.2 7.6 4.1 0.81 3 (unit mm) figure 1 figure 2 2 figure 3 2 figure 4 2
polymer ptc resettable fuse krl type krl120 radial leaded type 120v thinking electronic industrial co., ltd. 3 www.thinking.com.tw 2009.12 all specifications are subject to change without no tice  electrical characteristics( 23 ) max. time to trip resistance agency approval vmax. imax. ihold itrip pd (typ.) current time initial (ri min.) post trip (r1 max.) part no. (v ac ) (a) (a) (a) (w) (a) (sec.) ( ) ( ) ul/cul tuv krl1200010 120 2.0 0.10 0.20 0.84 0.50 10.0 3.00 7.5 0 krl1200017 120 2.0 0.17 0.34 0.84 0.85 10.0 2.00 7.0 0 krl1200020 120 2.0 0.20 0.40 1.08 1.00 9.0 1.83 4.40 krl1200025 120 3.0 0.25 0.50 1.08 1.25 7.5 1.25 3.00 krl1200030 120 3.0 0.30 0.60 1.44 1.50 8.5 0.88 2.10 krl1200040 120 3.0 0.40 0.80 1.44 2.00 6.5 0.55 1.29 krl1200050 120 3.0 0.50 1.00 1.56 2.50 6.0 0.50 1.17 krl1200065 120 5.0 0.65 1.30 1.68 3.25 5.7 0.31 0.72 krl1200070 120 5.0 0.75 1.50 1.80 3.75 6.3 0.25 0.60 krl1200075 120 7.5 0.75 1.50 2.64 3.75 15.0 0.25 0.6 9 krl1200090 120 5.0 0.90 1.80 1.80 4.50 7.20 0.20 0.4 7 krl1200100 120 10.0 1.00 2.00 2.64 5.00 15.0 0.18 0. 47 krl1200110 120 8.0 1.10 2.20 2.28 5.50 8.2 0.15 0.38 krl1200125 120 12.5 1.25 2.50 2.88 6.25 20.0 0.11 0. 33 krl1200130 120 10.0 1.35 2.70 2.64 6.75 9.6 0.12 0.3 0 krl1200135 120 13.5 1.35 2.70 3.12 6.75 20.0 0.11 0. 30 krl1200160 120 12.0 1.60 3.20 3.12 8.00 11.4 0.09 0. 22 krl1200185 120 12.0 1.85 3.70 3.36 9.25 12.6 0.08 0. 19 KRL1200200 120 20.0 2.00 4.20 4.32 10.00 36.0 0.08 0 .21 krl1200250 120 15.0 2.50 5.00 4.44 12.50 15.6 0.05 0 .13 krl1200300 120 17.0 3.00 6.00 4.56 15.00 19.8 0.04 0 .10 krl1200375 120 20.0 3.75 7.50 4.80 18.75 24.0 0.03 0 .08 note ul&cul file no. e138827 tuv file no. r50166228
polymer ptc resettable fuse krl type krl120 radial leaded type 120v thinking electronic industrial co., ltd. 4 www.thinking.com.tw 2009.12 all specifications are subject to change without no tice  typical time to trip curves at 23  derating curve a=krl1200010 b= krl1200017 c= krl1200020 d= krl1200025 e= krl1200030 f= krl1200040 g= krl1200050 h= krl1200065 i = krl1200070 j= krl1200090 k= krl1200110 l= krl1200130 m= krl1200160 n= krl1200185 o= krl1200250 p= krl1200300 q= krl1200375 r= krl1200075 s= krl1200100 t= krl1200125 u= krl1200135 v= KRL1200200
polymer ptc resettable fuse krl type krl120 radial leaded type 120v thinking electronic industrial co., ltd. 5 www.thinking.com.tw 2009.12 all specifications are subject to change without no tice  packaging  tape & reel specification see table below and fig. 1~5 for details description eia mark dimensions (mm) tolerance (mm) sprocket hole pitch p 0 12.7 0.3 ordinate to adjacent component lead krl1200010-krl1200100 3.6 ordinate to adjacent component lead krl1200110-krl1200185 3.45 ordinate to adjacent component lead KRL1200200-krl1200300 p 1 7.3 1.0 device pitch krl1200010-krl1200100 12.7 device pitch krl1200110-krl1200250 25.4 device pitch krl1200300~krl1200375 p 38.1 1.0 carrier tape width w 18.0 1.0 top distance between tape edges w 0 3.0 max hold-down tape width w 1 12.0 1.0 lead spacing c see structure and dimensions -- abscissa to top krl1200010 to krl1200070 32.2 abscissa to top krl1200075 to krl1200375 h 1 47.5 max abscissa to plane (straight lead) h 18.0 +2/-0 abscissa to plane (kinked lead) h 0 16.0 0.5 sprocket hole position w 2 9 +0.75/-0.5 sprocket hole diameter d 0 4.0 0.2 lead protrusion l 1 1.0 max . tape thickness t 0.9 max . body tape plane deviation p 0 1.3 body lateral deviation h 0 1.0 reel width w 3 56 max. reel diameter 340 10.0 arbor hold diameter n 0 31 1 core diameter n 80 min.
polymer ptc resettable fuse krl type krl120 radial leaded type 120v thinking electronic industrial co., ltd. 6 www.thinking.com.tw 2009.12 all specifications are subject to change without no tice  taping specification  reel specification figure 2. krl1200075, krl1200100, krl1200125, krl1200135 figure 1. krl1200010 to krl1200070, krl1200090, krl1200110, krl1200130, krl1200160, krl1200185 p 0 t t h h p 1 h 1 c h 0 d 0 c h l 1 w 2 w 0 w 1 w p p p p p d 0 h c h c p h 1 h 0 d 0 d 0 p 0 w w 2 w 1 l 1 p 1 p p p p figure 3. KRL1200200 h c h p c d 0 d 0 d 0 p 0 w w 2 l 1 w 1 p 1 p p p p h 1 h 0 figure 4. krl1200250, krl1200300, krl1200375 p 1 d 0 h 0 c h 1 p 0 p l 1 h p p p p d 0 c w w 2 w 1 w 0 figure 5.
polymer ptc resettable fuse krl type krl120 radial leaded type 120v thinking electronic industrial co., ltd. 7 www.thinking.com.tw 2009.12 all specifications are subject to change without no tice  quantity  bulk packing part no. pcs/ bag krl1200010-krl1200050 500 krl1200065-krl1200110 300 krl1200125- krl1200160 200 krl1200185- krl1200375 100  reel packing part no. pcs/ reel krl1200010-krl1200050 2000 krl1200065-krl1200375 1500  storage conditions of products  storage conditions : 1. storage temperature: -10 ~+40 2. relative humidity: Q 75%rh 3. thermistors must be kept away from sunlight and stored in a non-corrosive atmosphere.  period of storage : 1 year


▲Up To Search▲   

 
Price & Availability of KRL1200200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X